Part Number Hot Search : 
TPC13 MC14549B IL25008 PLO74 HRPF0030 FGD2N40L SMCJ12 RD10161
Product Description
Full Text Search
 

To Download 4741-6-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 4741 & 5948 Kit .025" (.64mm) Square Pin Receptacle Patch Cord
FEATURES: * Interfaces to Pomona's .025" (.64mm) Square Pin Micrograbber (Model 4521), Rotating Micrograbber, (Model 5790), SMD Grabber (Model 5360) and Minigator (Model 5363). * Ideal for jumping .025" (.64mm) Square Pins on PC Test Boards. * Receptacle is gold plated to optimize the electrical connection. MATERIALS: Receptacle Body - Phosphor Bronze, Gold Plated Housing: Polypropylene, Color Matches Wire Wire: 22 AWG, 26 x 36 t.c., PVC Insulation .064" (1,63mm) O.D. Nom. Color per part number RATINGS: Operating Temperature: +50C (+122F) Operating Voltage: 45 VRMS Current: 3 Amperes Max. ORDERING INFORMATION: Model 4741-XX-* XX = Length in Inches, Standard Lengths: 6" (15,24cm), 12" (30,48cm), 24" (60,96cm) *= Color, Standard Colors: -0 Black,-2 Red Upon request, additional colors can be quoted. Model 5948 Kit contains 1 each of 10 colors Colors: -0 Black,-1 Brown, -2 Red, -3 Orange, -4 Yellow, -5 Green, -6 Blue, -7 Violet, -8 Gray, -9 White
All dimensions are in inches and metric. All specifications are to the latest revisions. Specifications are subject to change without notice. Registered trademarks are the property of their respective companies. Made in USA
12/17/07
D1094144 Rev. 101
Sales: 800-490-2361 Fax: 425-446-5844 Technical Support: technicalsupport@pomonatest.com
www.pomonaelectronics.com
Page 1 of 1


▲Up To Search▲   

 
Price & Availability of 4741-6-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X